Part Number Hot Search : 
44025 ST121032 PS1003 LT3465A 88523 CJD122 28128 1A71B
Product Description
Full Text Search
 

To Download EPC-440-09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photodiode-Chip
Preliminary Wavelength range UV-blue-green Type Schottky Contact 11.04.2007 Technology GaP
EPC-440-0.9
rev. 04/07 Electrodes P (anode) up
860 800 720
typ. dimensions (m)
typ. thickness 300 m anode gold alloy, 1.5 m cathode gold alloy, 0.5 m
PD-03
Description High spectral sensitivity in the blue and ultraviolet range, low dark currents, low cost chip with high degradation stability Applications special light barriers, sensors for flame control and automation
Miscellaneous Parameters
Tamb = 25 unless otherwise specified C, Parameter Active area Temperature coefficient of ID Operating temperature range Storage temperature range Test onditions Symbol A TC(ID) Tamb Tstg Value 0.51 1.07 -40 to +125 -40 to +125 Unit mm 1/K C C
Optical and Electrical Characteristics
Tamb = 25 unless otherwise specified C, Test Parameter conditions VR = 5 V Dark current Peak sensitivity wavelength Responsivity at P * Sensitivity range at 1% Spectral bandwidth at 50% Shunt resistance Noise equivalent power Junction capacitance Switching time VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 10 mV = 440 nm VR = 0 V VR = 5 V Symbol ID p S min, max 0.5 RD NEP CJ 100 <110 180 125 7.7x10 120 0.7/13
-15
Min
Typ 5 440 0.17
Max 20
Unit pA nm A/W
570
nm nm G
W/ Hz
pF
tr, tf
ns
*Measured on bare chip on TO-18 header with EPIGAP equipment
Labeling
Type EPC-440-0.9 Typ. ID [pA] Typ. S[A/W] Lot N Quantity
Packing: Chips on adhesive film with wire-bond side on top
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
1 of 2
Photodiode-Chip
Preliminary 11.04.2007
EPC-440-0.9
rev. 04/07
Typical responsivity spectrum
0,1 Responsivity, A/W
0,01
1E-3 100
200
300
400
500
600
Wavelength, nm
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
2 of 2


▲Up To Search▲   

 
Price & Availability of EPC-440-09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X